Part Number Hot Search : 
07104GOA M8836 AI9943 1035CT ATS02 BDV64 MAX863 1N5232
Product Description
Full Text Search
 

To Download 47657-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0476571000 status: active overview: slimline_serial_ata_odd_connectors description: 1.27mm (.050") pitch removeable slimline serial ata receptacle for optical disk drive, right angle, bottom mount, gold (au) flash plating, leadfree documents: 3d model product specification ps-47657-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 47657 application board-to-board overview slimline_serial_ata_odd_connectors product name serial ata, slimline serial ata physical circuits (loaded) 22 circuits (maximum) 22 color - resin black durability (mating cycles max) 500 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - resin high temperature thermoplastic number of rows 1 orientation right angle pcb locator no pcb retention yes packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 2 plating min: mating (m) 0.05 polarized to mating part yes polarized to pcb yes robotic placement pick and place cap stackable no surface mount compatible (smc) yes temperature range - operating -35c to +85c termination interface: style screw or lug electrical current - maximum per contact 1.5a grounding to pcb yes voltage - maximum 15v dc solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47657 series mates with 476572000 header
max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-47657-001 product specification ps-47657-001 sales drawing sd-47657-100 this document was generated on 05/31/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 47657-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X